PART |
Description |
Maker |
STD2NB80 6424 STD2NB80T4 |
From old datasheet system N-CHANNEL MOSFET N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 1.9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 1.9AI(四)|52AA
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STU9NC80Z STU9NC80ZI STU9NC80 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFBE30 IRFBE30PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A) Power MOSFET(Vdss=800V/ Rds(on)=3.0ohm/ Id=4.1A)
|
International Rectifier
|
STU9NB80 6748 |
N-CHANNEL 800V - 0.85 Ohm - 9.3A - TO-247 PowerMESH MOSFET From old datasheet system N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2SK956 2SK1010 2SK1507-01 2SK958 2SK1547-01 2SK138 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-247 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 4A条(丁)|47 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|20 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-247 MOSFET transistors TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 9A I(D) | TO-247 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset From old datasheet system TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|6AI(D)|TO-220
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247
|
Toshiba, Corp. Mallory Sonalert Products, Inc. Fuji Semiconductors, Inc.
|
STP4NK80ZFP STP4NK80Z STD4NK80Z 9250 STD4NK80Z-1 |
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET From old datasheet system N-Channle MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STW13NK80Z 9631 |
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESHPower MOSFET N沟道800V 0.53W -2A47齐纳保护SuperMESH?功率MOSFET N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET From old datasheet system N-CHANNEL 800V 0.53 OHM 12A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP5NB80 STP5NB80FP 6418 |
From old datasheet system N - CHANNEL 800V - 1.8W - 5A - TO-220/TO-220FP
PowerMESH] MOSFET N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STW7NC80Z |
N-CHANNEL 800V 1.5OHM 6A TO-247 ZENER-PROTECTED POWERMESH MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|